Part Number Hot Search : 
KA3843AM IRDC3894 ST7L05 PQ100 DS0475 E13003 PC11C 2SD1616U
Product Description
Full Text Search
 

To Download CT646FYF-100M Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 Power Inductors - Unshielded
ctparts.com
CT646FY Series
From 1.0 H to 1000 H
Part Number CT646FY_-1R0M CT646FY_-1R5M CT646FY_-2R2M CT646FY_-2R7M CT646FY_-3R3M CT646FY_-3R9M CT646FY_-4R7M CT646FY_-5R6M CT646FY_-6R8M CT646FY_-8R2M CT646FY_-100M CT646FY_-120M CT646FY_-150M CT646FY_-180M CT646FY_-220M CT646FY_-270M CT646FY_-330M CT646FY_-390M CT646FY_-470M CT646FY_-560M CT646FY_-680M CT646FY_-820M CT646FY_-101M CT646FY_-121K CT646FY_-151K CT646FY_-181K CT646FY_-221K CT646FY_-271K CT646FY_-331K CT646FY_-391K CT646FY_-471K CT646FY_-561M CT646FY_-681M CT646FY_-821M CT646FY_-102M Not shown at actual size.
SPECIFICATIONS
Part numbers are marked to indicate tolerance available. K = 10%, M = 20% CTC646FYF Please specify "F" for RoHS Compliant Inductance (H) 1.0 1.5 2.2 2.7 3.3 3.9 4.7 5.6 6.8 8.2 10 12 15 18 22 27 33 39 47 56 68 82 100 120 150 180 220 270 330 390 470 560 680 820 1000 L Test Freq. (kHz) 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 100 DCR Max. () 0.023 0.028 0.032 0.035 0.038 0.042 0.049 0.055 0.055 0.067 0.070 0.080 0.090 0.100 0.120 0.140 0.160 0.190 0.220 0.290 0.340 0.460 0.550 0.670 0.900 1.050 1.350 1.550 2.050 2.300 2.600 2.900 3.400 4.200 5.390 Rated DC (A) 2.880 2.560 2.360 2.360 2.160 2.160 1.880 1.880 1.880 1.680 1.560 1.440 1.360 1.280 1.170 1.070 1.000 0.910 0.840 0.720 0.660 0.580 0.510 0.420 0.370 0.350 0.290 0.280 0.230 0.215 0.195 0.185 0.170 0.165 0.150
Compliant Available
RoHS
CHARACTERISTICS
Description: SMD power inductor Applications: Ideal for a variety of DC/DC converter applications and low profile use Operating Temperature: -30C to +100C Inductance Tolerance: 10%, 20% Testing: Inductance is tested on an HP4285A at 100 kHz Packaging: Tape & Reel Marking: Parts are marked with inductance code Miscellaneous: RoHS Compliant available. Additional Information: Additional electrical & physical information available upon request Samples available. See website for ordering information.
PHYSICAL DIMENSIONS
Size mm inches A
Max. 7.4 0.29
B
Max. 7.4 0.29
C
Max. 5.5 0.22
D
2.00.2 0.080.008
E
Max. 5.4 0.21
01.14.05
Technologies
Manufacturer of Inductors, Chokes, Coils, Beads, Transformers & Toroids 800-684-5322 Inside US 949-453-1811 Outside US
Copyright (c) 2005 by CT Magnetics, DBA Central Technologies. All rights reserved. CT Magnetics reserves the right to make improvements or change specifications without notice
CENTRAL


▲Up To Search▲   

 
Price & Availability of CT646FYF-100M

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X